PART |
Description |
Maker |
AN2984 |
Minimizing the SET-related effects
|
STMicroelectronics
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
74LCXR162245MEX 74LCXR162245MTD 74LCXR162245MTX 74 |
Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26 Ohm Series Resistors in the Outputs
|
http:// Fairchild Semiconductor Corporation
|
HD74HC368 |
Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
|
Hitachi Semiconductor
|
HD74HC367FPEL HD74HC367 HD74HC367P |
Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
|
Renesas Electronics Corporation
|
74LVTH162373 74LVTH162373MEA 74LVTH162373MEX 74LVT |
Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor
|
74VCX2245WMX 74VCX2245MTCX 74VCX2245BQX |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs
|
Fairchild Semiconductor
|
PI74ALVCH162820 |
3.3V 10-Bit Flip-Flop with Dual Outputs and 3-State Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
74VCX162373_05 74VCX162373 74VCX162373MTD 74VCX162 |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX162244GX 74VCX162244MTD 74VCX162244MTDX |
Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistor in Outputs
|
Fairchild Semiconductor
|
74VCX162245MTD 74VCX162245MTDX |
Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in A Port Outputs
|
Fairchild Semiconductor
|